Part Number Hot Search : 
F130410 TFMAJ16 H6842 TSE02B 1N3039C 1620C 551LW7C LR120
Product Description
Full Text Search
 

To Download SCD305K122C3Z25-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type SCD IGBT Snubber Capacitor Modules
Direct Mount Snubber Capacitor Applications
Style SCD offers protection against voltage transients in low to medium current IGBT applications where high dV/dt is encountered. Connect these capacitors from C1 to E2 on a dual IGBT module or from P to N on a six-pack module to eliminate severe voltage transients. Parts ending with Z25 fit IGBTs with 23mm, 25mm and 28mm lead spacing. If you have a preferred lead spacing, please specify.
Specifications Highlights
* * * * * * * High peak & RMS current capability Mount directly to the IGBT module Low inductance <20nH Low loss polypropylene dielectric Self healing Flame resistant case and resin, meets UL94V0 Other terminal spacing and capacitance values available. We can build to your specs! * 85C ambient temperature
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
Ratings
Capacitance Tolerance: 10% standard tolerance Dissipation Factor: <0.1% at 1 kHz, 25 C Dielectric Withstand: 1.6 x rated voltage for 60 seconds (terminal to terminal) Insulation Resistance: 30,000 M min. after 2 minutes of electrification @ 100 Vdc & 25 C Test Voltage Terminals to Case: 3.0 KV 50/60 Hz for 60 sec. @ 25 C Capacitance Temperature Coefficient: -200 ppm/C 100 ppm Service Life: 30,000 hours @ rated Vac, 70 C 60,000 hours @ rated Vdc, 70 C Accelerated Life: 1.25 x rated DC voltage at 85 C for 2,000 hours Performance: <3% capacitance change ESR < 125% of initial reading IR >50% of initial limit Accelerated Pulse Testing: per IEC-384 <3% in capacitance change Performance: <.003 increase in DF from intial value
Irms
Catalog Part Number Cap. Volts (F) (Vdc ) SCD474K601A3Z25-F SCD684K601A3Z25-F SCD105K601A3Z25-F SCD155K601A3Z25-F SCD205K601A3Z25-F SCD335K601A3Z25-F SCD475K601A3Z25-F SCD474K102A3Z25-F SCD474K102D3Z25-F SCD684K102A3Z25-F SCD684K102D3Z25-F SCD105K102A3Z25-F SCD105K102D3Z25-F SCD155K102A3Z25-F SCD155K102D3Z25-F SCD205K102A3Z25-F SCD205K102D3Z25-F 0.47 0.68 1.00 1.50 2.00 3.30 4.70 0.47 0.47 0.68 0.68 1.00 1.00 1.50 1.50 2.00 2.00 600 600 600 600 600 600 600 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000
Volts 60 Hz (Vac) 330 330 330 300 300 400 400 330 500 330 500 330 500 300 500 300 500 dV/dt (V/s) 250 250 200 150 150 300 250 250 700 200 500 200 400 160 400 160 400 Ipk (A) 118 170 200 225 300 825 1175 118 329 136 340 200 400 240 600 320 800 ESR
100 kHz 55 C W (in) (mm) 0.97 24.6 1.14 29.0 1.14 29.0 1.14 29.0 1.27 32.3 1.50 38.1 1.83 46.4 0.97 24.6 1.14 29.0 1.14 29.0 1.14 29.0 1.14 29.0 1.14 29.0 1.27 32.3 1.37 34.8 1.37 34.8 1.50 38.1 L (in) (mm) 1.85 1.85 1.85 1.85 1.78 2.05 2.23 1.85 1.85 1.85 1.85 1.85 1.85 1.78 1.78 1.78 2.05 47.0 47.0 47.0 47.0 45.1 52.1 56.5 47.0 47.0 47.0 47.0 47.0 47.0 45.1 45.1 45.1 52.1 H (in) (mm) 0.95 24.1 1.05 26.7 1.05 26.7 1.05 26.7 1.40 35.6 1.50 38.1 1.98 50.2 0.95 24.1 1.05 26.7 1.05 26.7 1.05 26.7 1.05 26.7 1.05 26.7 1.40 35.6 1.40 35.6 1.40 35.6 1.50 38.1 (m) (Arms) 9 7 5 4 3 5 4 11 8 7 7 4 5 4 3 4 5 9.2 11.5 14.0 17.1 20.7 35.0 46.2 9.2 12.1 11.5 14.4 14.0 17.5 17.9 22.4 20.9 26.2
600 Vdc
1000 Vdc
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Phone: (508)996-8561*Fax: (508)996-3830*www.cde.com
Type SCD IGBT Snubber Capacitor Modules
Irms Catalog Part Number Cap. (F) SCD224K122A3Z25-F SCD334K122A3Z25-F SCD474K122A3Z25-F SCD684K122A3Z25-F SCD105K122A3Z25-F SCD155K122A3Z25-F SCD205K122A3Z25-F SCD305K122C3Z25-F SCD224K162A3Z25-F SCD334K162A3Z25-F SCD474K162A3Z25-F SCD684K162A3Z25-F SCD105K162A3Z25-F SCD155K162A3Z25-F SCD205K162A3Z25-F SCD224K202A3Z25-F SCD334K202A3Z25-F SCD474K202A3Z25-F SCD684K202A3Z25-F SCD105K202A3Z25-F 0.22 0.33 0.47 0.68 1.00 1.50 2.00 3.00 0.22 0.33 0.47 0.68 1.00 1.50 2.00 0.22 0.33 0.47 0.68 1.00 Volts (Vdc ) 1200 1200 1200 1200 1200 1200 1200 1200 1600 1600 1600 1600 1600 1600 1600 2000 2000 2000 2000 2000 Volts 60 Hz dV/dt (Vac) (V/s) 580 580 580 580 580 580 580 580 630 630 630 630 630 630 630 630 630 630 630 630 650 650 500 500 500 400 400 400 650 650 650 650 500 400 400 800 800 600 600 600 Ipk ESR 100 kHz 55 C W (in) (mm) 0.97 24.6 1.14 29.0 1.14 29.0 1.27 32.3 1.37 34.8 1.50 38.1 1.83 46.4 3.00 76.2 0.97 24.6 1.14 29.0 1.27 32.3 1.37 34.8 1.50 38.1 1.65 41.9 1.75 44.5 0.97 24.6 1.27 32.3 1.35 34.3 1.50 38.1 1.83 46.4 L (in) (mm) H (in) (mm) (A) (m) (Arms) 143 215 235 340 500 600 800 1200 143 215 306 442 500 600 800 176 264 282 408 600 19 13 10 7 5 4 4 5 19 12 10 7 6 5 5 19 13 10 8 6 7.9 10.0 12.0 15.1 18.5 23.9 30.1 39.7 7.9 10.0 12.6 15.3 19.5 25.6 30.6 8.2 10.5 13.0 16.1 21.3
1200 Vdc 1.85 47.0 0.95 24.1 1.85 47.0 1.05 26.7 1.85 47.0 1.05 26.7 1.78 45.1 1.40 35.6 1.78 45.1 1.40 35.6 2.05 52.1 1.50 38.1 2.23 56.5 1.98 50.2 2.48 62.9 1.50 38.1 1.85 47.0 0.95 24.1 1.85 47.0 1.05 26.7 1.78 45.1 1.40 35.6 1.78 45.1 1.40 35.6 2.05 52.1 1.50 38.1 2.70 68.6 1.50 38.1 2.63 66.7 1.83 46.4 1.85 47.0 0.95 24.1 1.78 45.1 1.40 35.6 2.20 55.9 1.20 30.5 2.05 52.1 1.50 38.1 2.23 56.5 1.98 50.2
1600 Vdc
2000 Vdc
Note: Modify Catalog Part Number to specify lead spacing. Example: 44mm spacing would use -44 instead of Z25. Other capacitance values and lead orientations are available. Contact us.
Mounting Across the Bus?
CDE Will Accommodate Your Bus Structure
Outline Drawings
Dual Snubber Assembly Option
7.0 mm 0.28 in
P 25.4 mm 1.00 in
14.0 mm (both leads) 0.55 in 6.5 x 8.5 mm 0.26 x 0.33 in both holes
W
H 1.0 mm 5.0 mm 14.0 mm (both leads) 0.04 in 0.20 in 0.55 in 17.27 mm 0.86 in
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Phone: (508)996-8561*Fax: (508)996-3830*www.cde.com


▲Up To Search▲   

 
Price & Availability of SCD305K122C3Z25-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X